Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download 0015800061-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/26/2017 please check www.molex.com for latest part information part number: 0015800061 status: active overview: c-grid? products description: 2.54mm pitch c-grid header, through hole without peg, dual row, vertical, shrouded, high temperature, 6 circuits, tin (sn) plating documents: 3d model product specification ts-70541-001-001 (pdf) drawing (pdf) packaging specification pk-70873-0018 (pdf) product specification ps-70567-001 (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 70567 application signal, wire-to-board overview c-grid? products product name c-grid upc 800755030211 physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass, phosphor bronze material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic net weight 1.282/g number of rows 2 orientation vertical pc tail length 3.30mm pcb locator no pcb retention yes pcb thickness - recommended 2.40mm packaging type tube pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -55c to +105c termination interface: style through hole series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 70567 series mates with sl crimp housing 70450 , c-grid pcb receptacle 71395
electrical current - maximum per contact 2.5a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 005 lead-freeprocess capability smc&wave max. cycles at max. process temperature 001 process temperature max. c 245 material info engineering number 70567-0001 reference - drawing numbers packaging specification pk-70873-0018 product specification ps-70567-001, ts-70541-001-001 sales drawing sda-70567-**** this document was generated on 10/26/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0015800061-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X